PART |
Description |
Maker |
AS7C32098A AS7C32098A-20TIN AS7C32098A-10TC AS7C32 |
Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 128K X 16 STANDARD SRAM, 10 ns, PDSO44 Quadruple D-Type Flip-Flops With Clear 16-TVSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SOIC -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SO -40 to 85 SRAM - 3.3V Fast Asynchronous 3.3 V 128K x 16 CMOS SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AM27C64 AM27C64-120 AM27C64-120DC AM27C64-120DCB A |
64 Kilobit (8 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clock Enable 20-SOIC 0 to 70 Octal D-Type Flip-Flops With Clock Enable 20-SO 0 to 70 Cable Ties; Pack Quantity:100; Dual 4-Bit Decade Counters 16-PDIP 0 to 70 Dual 4-Bit Decade Counters 16-SOIC 0 to 70 Dual 4-Bit Binary Counters 14-SOIC 0 to 70 Dual 4-Bit Binary Counters 14-SO 0 to 70 Dual 4-Bit Binary Counters 14-PDIP 0 to 70 Quad 2-input positive-NAND buffers with open collector outputs 14-SOIC 0 to 70 Quad 2-input positive-NAND buffers with open collector outputs 14-SO 0 to 70 Quad 2-input positive-NAND buffers with open collector outputs 14-PDIP 0 to 70 Octal D-Type Flip-Flops With Clock Enable 20-PDIP 0 to 70 8K X 8 UVPROM, 150 ns, CDIP28 Hex D-Type Flip-Flops with Clock Enable 16-PDIP 0 to 70 8K X 8 UVPROM, 200 ns, CDIP28 Hex D-Type Flip-Flops with Clock Enable 16-SOIC 0 to 70 8K X 8 UVPROM, 200 ns, CDIP28 Quadruple 2-Input Multiplexers With Storage 16-SOIC 0 to 70 8K X 8 UVPROM, 90 ns, CDIP28 64 Kilobit (8 K x 8-Bit) CMOS EPROM 64千比特(8亩8位)CMOS存储 64 Kilobit (8 K x 8-Bit) CMOS EPROM 64千比特(8亩8位)的CMOS存储 Hex D-Type Flip-Flops with Clock Enable 16-SO 0 to 70 8K X 8 OTPROM, 200 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
KIA79L15F KIA79L10F KIA79L09F KIA79L05F KIA79L12F |
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85 三端负电压调节器 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
74ACT244SJX 74AC244 74AC244MTC 74AC244MTCX 74AC244 |
Octal Buffer/Line Driver with 3-STATE Outputs Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SO 0 to 70 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
HM628128 HM628128DLT-7 HM628128DLFP-5UL HM628128DL |
1 M SRAM (128-kword x 8-bit) Hex D-type Flip-Flops With Clear 20-LCCC -55 to 125 1个M的SRAM28 - KWord的8位) Replaced by SN54LS158 : Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 1个M的SRAM128 - KWord的8位) Synchronous 4-Bit Up/Down Binary Counters 16-CDIP -55 to 125 Quadruple D-type Flip-Flops With Clear 20-LCCC -55 to 125 Synchronous 4-Bit Up/Down Binary Counters 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 28-LCCC -55 to 125 Hex D-type Flip-Flops With Clear 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 24-CFP -55 to 125 Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 Synchronous 4-Bit Counters 16-CDIP -55 to 125 Quadruple D-type Flip-Flops With Clear 16-CFP -55 to 125 Arithmetic Logic Units/Function Generators 24-CDIP -55 to 125
|
Hitachi Semiconductor Hitachi,Ltd.
|
HD74HC175 |
Quad. D-typ Flip-Flops (with Clear)
|
Hitachi Semiconductor
|